| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CCB032M12FM3
|
1Mb / 11P |
1200 V, 32 m廓 All-Silicon Carbide Six-Pack Module
|
|
CCB021M12FM3
|
1Mb / 11P |
1200 V, 21 m廓 All-Silicon Carbide Six-Pack Module
|
|
CAB016M12FM3
|
2Mb / 11P |
1200 V, 16 m廓 All-Silicon Carbide Half-Bridge Module
|
 ON Semiconductor |
NTC020N120SC1
|
215Kb / 8P |
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
May, 2020 ??Rev. 0 |
|
NTC040N120SC1
|
223Kb / 8P |
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020 ??Rev. 0 |
|
NTC080N120SC1
|
273Kb / 8P |
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
June, 2020 ??Rev. 0 |
|
NVC020N120SC1
|
215Kb / 8P |
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
June, 2020-Rev. 0 |
|
NVC040N120SC1
|
223Kb / 8P |
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020-Rev. 0 |
 WOLFSPEED, INC. |
CAB011A12GM3
|
2Mb / 11P |
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, May 2023 |
|
CAB011M12FM3
|
2Mb / 12P |
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023 |