| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTTFD022N10C
|
317Kb / 9P |
MOSFET - Single N-Channel 100 V, 25 m, 24 A
June, 2020 ??Rev. 2 |
|
FDWS86368-F085
|
426Kb / 7P |
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4 |
|
NTMFS6H836N
|
185Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2 |
|
NTMFS6H836NL
|
184Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0 |
|
NTTFS5D9N08H
|
508Kb / 7P |
MOSFET - Single N-Channel 80 V, 5.9 m, 84 A
May, 2020 ??Rev. 1 |
|
NVLJWS022N06CL
|
160Kb / 7P |
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1 |
|
NVMFS5C680NL
|
186Kb / 7P |
MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 ??Rev. 0 |
|
NVMFS040N10MCL
|
118Kb / 5P |
MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1 |
|
NVTYS029N08H
|
339Kb / 7P |
MOSFET ??Power, Single N-Channel 80 V, 32.4 m, 21 A
April, 2021 ??Rev. 0 |
|
NVMYS025N06CL
|
339Kb / 7P |
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0 |