| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTBG020N090SC1
|
335Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 900 V, 20 m, 112 A
March, 2020 ??Rev. 1 |
|
NTBG040N120SC1
|
249Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 1200 V, 40 m, 60 A
February, 2020 ??Rev. 0 |
|
NTBG160N120SC1
|
245Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 1200 V, 160 m, 19.5 A
February, 2020 ??Rev. 0 |
|
NVBG040N120SC1
|
249Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L
February, 2020 ??Rev. 0 |
|
NVBG060N090SC1
|
709Kb / 8P |
MOSFET - SiC Power, Single N-Channel, D2PAK-7L
March, 2020 ??Rev. 1 |
|
NVBG080N120SC1
|
242Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L
April, 2020 ??Rev. 1 |
|
NVBG160N120SC1
|
244Kb / 8P |
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L
February, 2020 ??Rev. 0 |
|
NTBG045N065SC1
|
296Kb / 9P |
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 650 V, 31 m, 62 A
March, 2021 ??Rev. 0 |
|
NTBG022N120M3S
|
227Kb / 9P |
MOSFET - Silicon Carbide (SiC), Single N-Channel, M3, D2PAK-7L 1200 V, 22 m, 58 A
March, 2022 ??Rev. 0 |
|
NVBG022N120M3S
|
232Kb / 9P |
MOSFET - Silicon Carbide (SiC), Single N-Channel, M3, D2PAK-7L 1200 V, 22 m, 58 A
March, 2022 ??Rev. 0 |