Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK412-090 Datasheet (PDF) - Sanyo Semicon Device

Part # STK412-090
Description  Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
File Size   53.97 Kbytes
Html View  1   2   3   4 
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK412-090 Datasheet (PDF) - Sanyo Semicon Device



Similar Part No. - STK412-090

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK412-090 SANYO-STK412-090 Datasheet
394Kb / 5P
Two-Channel Shift Power Supply Audio Power Amplifier ICs 150W 150 W
More results


Similar Description - STK412-090

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
Two- channel Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
Two-Channel 13.5 W BTL Audio Power Amplifier
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
Two-Channel 20 W BTL Audio Power Amplifier
STK400-290 SANYO-STK400-290 Datasheet
536Kb / 10P
AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK401-290 SANYO-STK401-290 Datasheet
188Kb / 7P
2ch AF Power Amplifier (Split Power Supply) 50W 50 W, THD = 0.08%??????????
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
STK412-010 SANYO-STK412-010 Datasheet
58Kb / 4P
Two-Channel Shift Power Supply Audio Power Amplifier ICs(70W 70 W)
STK412-150 SANYO-STK412-150 Datasheet
394Kb / 5P
Two-Channel Shift Power Supply Audio Power Amplifier ICs 150W 150 W
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
16 W Audio Amplifier Power Supply
logo
Sanyo Semicon Device
STK412-170 SANYO-STK412-170 Datasheet
62Kb / 4P
Two-Channel Shift Power Supply Audio Power Amplifier ICs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com