| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP120
|
136Kb / 8P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2 |
|
NCP720
|
346Kb / 9P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0 |
|
NCP720
|
344Kb / 9P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1 |
|
NCP134
|
172Kb / 9P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2 |
|
NCP145
|
279Kb / 10P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1 |
|
NCV8130
|
153Kb / 10P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0 |
|
NCV8133
|
266Kb / 11P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1 |
|
NCV8720
|
349Kb / 10P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1 |
|
NCP136
|
429Kb / 15P |
LDO Regulator - Very Low Dropout, CMOS, Bias Rail 700 mA
July, 2020 ??Rev. 4 |
|
NCP139
|
197Kb / 9P |
1 A, Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2019 ??Rev. 6 |