Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVTFS5C478NL Datasheet (PDF) - ON Semiconductor

Part # NVTFS5C478NL
Description  MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
File Size   208.05 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS5C478NL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVTFS5C478NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5C471NL ONSEMI-NVTFS5C471NL Datasheet
276Kb / 7P
MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 2
NVTFS5C471NLTAG ONSEMI-NVTFS5C471NLTAG Datasheet
276Kb / 7P
MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 2
NVTFS5C471NLWFTAG ONSEMI-NVTFS5C471NLWFTAG Datasheet
276Kb / 7P
MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 2
More results


Similar Description - NVTFS5C478NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8015L FAIRCHILD-FDMC8015L Datasheet
304Kb / 7P
N-Channel Power Trench짰 MOSFET 40 V, 18 A, 26 m廓
logo
ON Semiconductor
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NTTFS5C478NL ONSEMI-NTTFS5C478NL Datasheet
207Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTTFS6H888NL ONSEMI-NTTFS6H888NL Datasheet
201Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 50 m, 14 A
January, 2020 ??Rev. 0
NVMFS016N10MCL ONSEMI-NVMFS016N10MCL Datasheet
152Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A
September, 2021-Rev. 1
NVMFS027N10MCL ONSEMI-NVMFS027N10MCL Datasheet
152Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 26 m, 28 A
September, 2021-Rev. 1
NVTFS027N10MCL ONSEMI-NVTFS027N10MCL Datasheet
226Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 26 m, 28 A
February, 2021 - Rev. 0
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com