Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDS8858CZ Datasheet (PDF) - ON Semiconductor

Part # FDS8858CZ
Description  Dual N & P-Channel PowerTrench짰 MOSFETN-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
File Size   543.86 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS8858CZ Datasheet (PDF) - ON Semiconductor



Similar Part No. - FDS8858CZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8858CZ FAIRCHILD-FDS8858CZ Datasheet
311Kb / 10P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
More results


Similar Description - FDS8858CZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8858CZ FAIRCHILD-FDS8858CZ Datasheet
311Kb / 10P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
FDMS9620S FAIRCHILD-FDMS9620S Datasheet
279Kb / 9P
Dual N-Channel PowerTrench짰 MOSFET Q1: 30V, 16A, 21.5m廓 Q2: 30V, 18A, 13m廓
FDD8880 FAIRCHILD-FDD8880_08 Datasheet
503Kb / 11P
N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
FDS4435BZ FAIRCHILD-FDS4435BZ_07 Datasheet
288Kb / 6P
P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m廓
FDMA520PZ FAIRCHILD-FDMA520PZ_08 Datasheet
1Mb / 6P
Single P-Channel PowerTrench짰 MOSFET -20V, -7.3A, 30m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
FDS6692A FAIRCHILD-FDS6692A_10 Datasheet
464Kb / 7P
N-Channel PowerTrench짰 MOSFET 30V, 9A, 11.5m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
FDS6673BZ-F085 ONSEMI-FDS6673BZ-F085 Datasheet
510Kb / 6P
P-Channel PowerTrench짰 MOSFET -30V, -14.5A, 7.8m廓
September-2017, Rev. 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com