| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
FCP125N65S3R0
|
392Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 24 A, 125 m
August, 2019 ??Rev. 5 |
|
FCP165N65S3R0
|
392Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 19 A, 165 m
August, 2019 ??Rev. 7 |
|
FCPF165N65S3R0L
|
327Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 19 A, 165 m
December, 2020 ??Rev. 7 |
|
FCU600N65S3R0
|
296Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4 |
|
NVD360N65S3
|
319Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 360 m, 10 A
December, 2020-Rev. 0 |
|
FCB099N65S3
|
328Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 30 A, 99 m
February, 2020 ??Rev. 0 |
|
FCD600N65S3R0
|
416Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4 |
|
FCMT125N65S3
|
494Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, Easy-Drive 650 V, 24 A, 125 m
February, 2020 ??Rev. 2 |
|
FCP360N65S3R0
|
430Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 10 A, 360 m
August, 2019 ??Rev. 3 |
|
FCB070N65S3
|
316Kb / 10P |
MOSFET - Power, N-Channel, SUPERFET III, Easy Drive 650 V, 44 A, 70 m
April, 2020 - Rev. 5 |