Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

787-976 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

Part # 787-976
Description  Transformer power supply; Input voltage: 230 VAC; Output voltage: 12 ??24 VAC
File Size   274.4 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

787-976 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG



Similar Part No. - 787-976

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
787-974 WAGO-787-974 Datasheet
282Kb / 7P
Transformer power supply; Input voltage: 230 VAC; Output voltage: 12 ??24 VAC
More results


Similar Description - 787-976

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
288-815 WAGO-288-815 Datasheet
184Kb / 6P
stabilized power supply; Input voltage: 230 VAC; 짹15 VDC output voltage; 2 x
288-808 WAGO-288-808 Datasheet
171Kb / 6P
stabilized power supply; Input voltage: 230 VAC; 12 VDC output voltage; 0.5
288-800 WAGO-288-800 Datasheet
177Kb / 5P
Constant voltage source; Input voltage: 24 VAC; 24 VDC output voltage; 3 A
787-974 WAGO-787-974 Datasheet
282Kb / 7P
Transformer power supply; Input voltage: 230 VAC; Output voltage: 12 ??24 VAC
859-734 WAGO-859-734 Datasheet
504Kb / 10P
Optocoupler module; Nominal input voltage: 24 VDC; Output voltage range: 24 ??260 VAC
859-772 WAGO-859-772 Datasheet
507Kb / 10P
Optocoupler module; Nominal input voltage: 230 VAC; Output voltage range: 20 ??30 VDC;
286-508 WAGO-286-508 Datasheet
318Kb / 6P
Relay module; Nominal input voltage: 230 VAC
286-516 WAGO-286-516 Datasheet
324Kb / 6P
Relay module; Nominal input voltage: 230 VAC;
857-368-006-000 WAGO-857-368-006-000 Datasheet
545Kb / 11P
Relay module; Nominal input voltage: 230 VAC
858-518 WAGO-858-518 Datasheet
376Kb / 8P
Relay module; Nominal input voltage: 230 VAC
22.11.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com