Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDWS86068-F085 Datasheet (PDF) - ON Semiconductor

Part # FDWS86068-F085
Description  N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
File Size   156.57 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDWS86068-F085 Datasheet (PDF) - ON Semiconductor



Similar Part No. - FDWS86068-F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDWS86368 ONSEMI-FDWS86368 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
FDWS86369-F085 ONSEMI-FDWS86369-F085 Datasheet
406Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3
FDWS86380 ONSEMI-FDWS86380 Datasheet
528Kb / 8P
N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
More results


Similar Description - FDWS86068-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86106LZ FAIRCHILD-FDT86106LZ Datasheet
360Kb / 6P
N-Channel PowerTrench MOSFET 100 V, 3.2 A, 108 m Ohm
FDD850N10L FAIRCHILD-FDD850N10L Datasheet
316Kb / 8P
N-Channel PowerTrench MOSFET 100 V, 15.7 A, 75 m Ohm
FDD86326 FAIRCHILD-FDD86326 Datasheet
171Kb / 6P
N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
logo
ON Semiconductor
FDB86569-F085 ONSEMI-FDB86569-F085 Datasheet
3Mb / 8P
MOSFET ??N-Channel, POWERTRENCH 60 V, 80 A, 5.6 m
May, 2020 ??Rev. 3
FDBL86066-F085 ONSEMI-FDBL86066-F085 Datasheet
483Kb / 8P
N?륝hannel POWERTRENCH MOSFET 100 V, 240 A, 4.1 m
January, 2018 ??Rev. 2
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
FDWS86369-F085 ONSEMI-FDWS86369-F085 Datasheet
406Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com