| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
0442011
|
70Kb / 5P |
Ground terminal block with screw connection, cross section
|
|
0443065
|
77Kb / 5P |
Ground modular terminal block, Screw connection, Cross section
|
|
0461018
|
155Kb / 12P |
Double-level terminal block, Cross section
|
 Tyco Electronics |
2-1437397-8
|
52Kb / 1P |
CONTACT SECTION W/ FUSE PULLER & TUBULAR CONTACT
|
 Molex Electronics Ltd. |
53261-0690
|
349Kb / 5P |
1.25 W-TO-B CONN. MATING CROSS SECTION
|
 Weidmuller |
0198220000
|
314Kb / 4P |
SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021 |
|
1012200000
|
645Kb / 15P |
W-Series, Fuse terminal, Rated cross-section: 6mm짼, Screw connection
October 6, 2021 |
|
1014100000
|
626Kb / 13P |
W-Series, Fuse terminal, Rated cross-section: 6mm짼
September 30, 2021 |
|
1143050000
|
385Kb / 5P |
WMF 2.5 BLZ W-Series, Feed-through terminal, Rated cross-section: 2.5 mm짼
September 30, 2021 |
|
7940022563
|
333Kb / 8P |
W-Series, Fuse terminal, Rated cross-section: 4
November 9, 2021 |