| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
LC05711ARA
|
416Kb / 14P |
Battery Protection IC, Integrated Power MOSFET, 1-Cell Lithium-Ion Battery
February 2017 - Rev. 0 |
|
LC05732ARA
|
144Kb / 16P |
Battery Protection IC, Integrated Power MOSFET, 1-Cell Lithium-Ion Battery
March, 2018 ??Rev. 3 |
|
EFC3J018NUZ
|
744Kb / 7P |
Power MOSFET for 1-2 Cells Lithium-ion Battery Protection 20 V, 4.7 m廓, 23 A, Dual N-Channel
March 2018 - Rev. 1 |
|
EFC2J004NUZ
|
313Kb / 7P |
Power MOSFET for 1-Cell Lithium-ion Battery Protection 12 V, 7.1 m廓, 14 A, Dual N-Channel
February 2017 - Rev. 1 |
|
EFC2J013NUZ
|
135Kb / 6P |
Power MOSFET for 1?륝ell Lithium?릋on Battery Protection 12 V, 5.8 m, 17 A, Dual N-Channel
November, 2018 ??Rev. 1 |
|
EFC2J022NUZ
|
559Kb / 7P |
Power MOSFET for 1-Cell Lithium-ion Battery Protection 12 V, 3.55 m廓, 18 A, Dual N-Channel
July 2017 - Rev. 0 |
|
EFC2K101NUZ
|
195Kb / 6P |
Power MOSFET for 1?륝ell Lithium?릋on Battery Protection 12 V, 6.2 m, 15 A, Dual N-Channel
October, 2018 ??Rev. 0 |
|
EFC2K102ANUZ
|
368Kb / 8P |
MOSFET ??Power, Dual, N-Channel, for 1-Cell Lithium-ion Battery Protection 12 V, 2.75 m, 33 A
March, 2021 ??Rev. 0 |
|
EFC2K107NUZ
|
233Kb / 7P |
MOSFET ??Power, Dual, N-Channel, for 1-Cell Lithium-ion Battery Protection 12 V, 2.85 m, 20 A
July, 2019 ??Rev. 0 |
|
EFC4K110NUZ
|
199Kb / 7P |
MOSFET ??Power, Dual, N-Channel, for 1-2 Cells Lithium-ion Battery Protection 24 V, 2.95 m, 25 A
July, 2019 ??Rev. 0 |