| Manufacturer | Part # | Datasheet | Description |
 Mitsumi Electronics, Co... |
MM3220
|
49Kb / 3P |
2 cells lithium-ion/lithium-polymer battery protection IC
|
|
MM3684
|
64Kb / 4P |
3 to 5 cells Lithium-ion/Lithium-polymer battery protection IC
|
 ON Semiconductor |
EFC3J018NUZ
|
744Kb / 7P |
Power MOSFET for 1-2 Cells Lithium-ion Battery Protection 20 V, 4.7 m廓, 23 A, Dual N-Channel
March 2018 - Rev. 1 |
|
EFC2J004NUZ
|
313Kb / 7P |
Power MOSFET for 1-Cell Lithium-ion Battery Protection 12 V, 7.1 m廓, 14 A, Dual N-Channel
February 2017 - Rev. 1 |
|
EFC2J022NUZ
|
559Kb / 7P |
Power MOSFET for 1-Cell Lithium-ion Battery Protection 12 V, 3.55 m廓, 18 A, Dual N-Channel
July 2017 - Rev. 0 |
|
EFC2K102ANUZ
|
368Kb / 8P |
MOSFET ??Power, Dual, N-Channel, for 1-Cell Lithium-ion Battery Protection 12 V, 2.75 m, 33 A
March, 2021 ??Rev. 0 |
|
EFC2K103NUZ
|
618Kb / 8P |
MOSFET - Power for 1-Cell Lithium-ion Battery Protection 12 V, 1.8 m, 40 A, Dual N-Channel
September, 2019 ??Rev. 1 |
|
EFC2K107NUZ
|
233Kb / 7P |
MOSFET ??Power, Dual, N-Channel, for 1-Cell Lithium-ion Battery Protection 12 V, 2.85 m, 20 A
July, 2019 ??Rev. 0 |
|
EFC4K105NUZ
|
177Kb / 6P |
Power MOSFET for 1?? Cells Lithium?릋on Battery Protection 22 V, 3.55 m, 25 A, Dual N-Channel
August, 2018 ??Rev. 0 |
|
EFC4K110NUZ
|
199Kb / 7P |
MOSFET ??Power, Dual, N-Channel, for 1-2 Cells Lithium-ion Battery Protection 24 V, 2.95 m, 25 A
July, 2019 ??Rev. 0 |