| Manufacturer | Part # | Datasheet | Description |
 UnitedSiC. |
UF3C065030B3
|
539Kb / 12P |
650V-27mW SiC Cascode
Rev. A, March 2019 |
|
UF3C065030K4S
|
477Kb / 10P |
650V-27mW SiC Cascode
Rev. A, January 2019 |
|
UF3C065030T3S
|
503Kb / 12P |
650V-27mW SiC Cascode
Rev. C, June 2019 |
|
UF3C065080T3S
|
502Kb / 12P |
650V-80mW SiC Cascode
Rev. A, June 2019 |
|
UF3C120040K3S
|
554Kb / 11P |
35mW - 1200V SiC Cascode
Rev. B, December 2018 |
|
UF3C120040K4S
|
477Kb / 10P |
1200V-35mW SiC Cascode
|
|
UF3C120080K4S
|
472Kb / 10P |
1200V-80mW SiC Cascode
Rev. A, January 2019 |
|
UF3C120150B7S
|
415Kb / 10P |
1200V-150mW SiC Cascode
Rev. A, January 2021 |
|
UF3C120150K4S
|
687Kb / 10P |
1200V-150mW SiC Cascode
Rev. A, April 2019 |
|
UJC1210K
|
438Kb / 9P |
100mW - 1200V SiC Cascode
Rev. B, December 2018 |