| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTHL040N65S3HF
|
318Kb / 10P |
Power MOSFET, N-Channel, SUPERFET III, FRFET, 650 V, 65 A, 40 m
February, 2019 ??Rev. 1 |
|
NTHL040N65S3F
|
518Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
August, 2019-Rev. 7 |
|
NTHL065N65S3F
|
434Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 46 A, 65 m
August, 2019-Rev. 4 |
|
NTHLD040N65S3HF
|
318Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
January, 2021-Rev. 2 |
|
NTPF082N65S3F
|
325Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
August, 2019-Rev. 5 |
|
NVHL040N65S3F
|
378Kb / 11P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET650 V, 65 A, 40 m
July, 2019 ??Rev. 1 |
|
NVHL040N65S3HF
|
330Kb / 11P |
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
January, 2021-Rev. P1 |
|
NVH040N65S3F
|
277Kb / 11P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
|
|
NVH082N65S3F
|
300Kb / 12P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
November, 2020-Rev. 0 |
|
NVHL082N65S3HF
|
329Kb / 11P |
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
January, 2021 ??Rev. P1 |