| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFD5C446NL
|
231Kb / 7P |
MOSFET ??Power, Dual, N-Channel 40 V, 2.65 m, 145 A
May, 2019 ??Rev. 0 |
|
NTMFD5C470NL
|
229Kb / 7P |
MOSFET ??Power, Dual, N-Channel 40 V, 11.5 m, 36 A
May, 2019 ??Rev. P3 |
|
NTMYS7D3N04CL
|
322Kb / 7P |
Power MOSFET 40 V, 7.3 m, 52 A, Single N?묬hannel
March, 2019-Rev. 0 |
|
NVMFD5C446NL
|
233Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 2.65 m, 145 A
July. 2019 ??Rev. 0 |
|
NVMFD5C462N
|
231Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 5.4 m, 70 A
July, 2019 ??Rev. 1 |
|
NVMFD5C466N
|
233Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 8.1 m, 49 A
July, 2019 ??Rev. 1 |
|
NVMFD5C466NL
|
232Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 7.4 m, 52 A
July, 2019 ??Rev. 4 |
|
NVMFS5C466NL
|
186Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 ??Rev.0 |
|
NVMYS7D3N04CL
|
340Kb / 7P |
MOSFET – Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 - Rev. 0 |
|
NVLJWD023N04CL
|
140Kb / 7P |
MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0 |