| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFD5C466N
|
218Kb / 7P |
Power MOSFET 40 V, 8.1 m, 49 A, Dual N?묬hannel
October, 2018 ??Rev. 0 |
|
NTMFD5C680NL
|
362Kb / 7P |
MOSFET ??Power, Dual, N-Channel 60 V, 28 m, 26 A
May, 2019 ??Rev. P3 |
|
NVMFD5C466N
|
233Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 8.1 m, 49 A
July, 2019 ??Rev. 1 |
|
NVMFD5C672NL
|
231Kb / 7P |
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3 |
|
NVMFD5C674NL
|
372Kb / 7P |
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4 |
|
NVMFS5C466N
|
198Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 8.1 m, 49 A
July, 2019 ??Rev. 0 |
|
NVTYS007N04C
|
333Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 8.6 m, 49 A
May, 2021 ??Rev. 0 |
|
NVMYS8D0N04C
|
339Kb / 7P |
MOSFET – Power, Single N-Channel 40 V, 8.1 m, 49 A
July, 2019 - Rev. 0 |
|
NVLJWD040N06CL
|
138Kb / 7P |
MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1 |
|
NVMJD012N06CL
|
258Kb / 6P |
MOSFET - Power, Dual N-Channel 60 V, 11.9 m, 42 A
August, 2022 - Rev. 1 |