| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
FDWS86368-F085
|
426Kb / 7P |
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4 |
|
NTMFS6H836NL
|
184Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0 |
|
NTMFSC011N08M7
|
304Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2 |
|
NTMTS1D2N08H
|
475Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A
July, 2020 - Rev. 1 |
|
NTMTS1D5N08H
|
475Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 1.5 m, 255 A
July, 2020 ??Rev. 1 |
|
NVTFS6H854NL
|
279Kb / 8P |
MOSFET - Power, Single N-Channel 80 V, 13.4 m, 41 A
November, 2020-Rev. 1 |
|
NVTFS6H888N
|
210Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 55 m, 13 A
June, 2020 ??Rev. 1 |
|
NVMFS6H800N
|
189Kb / 7P |
MOSFET ??Power, Single N-Channel 80 V, 2.1 m, 203 A
July, 2019 ??Rev. 1 |
|
NVMFS6H836NL
|
187Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019?뭃ev. 0 |
|
NVMFS6H848NL
|
188Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 8.8 m, 59 A
December, 2019?뭃ev. 0 |