| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD5C464N
|
233Kb / 7P |
MOSFET ??Power, Single, N-Channel 40 V, 5.8 m, 59 A
May, 2021 ??Rev. 2 |
|
NTMFS6H836N
|
185Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2 |
|
NTMFS6H836NL
|
184Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0 |
|
NTMFSC011N08M7
|
304Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2 |
|
NTMTS1D2N08H
|
475Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A
July, 2020 - Rev. 1 |
|
NTMTS1D5N08H
|
475Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 1.5 m, 255 A
July, 2020 ??Rev. 1 |
|
NTMYS008N08LH
|
281Kb / 7P |
MOSFET- Power, Single N-Channel 80 V, 8.8 m, 59 A
February, 2020-Rev. 0 |
|
NVD5C464N
|
232Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 5.8 m, 59 A
May, 2021-Rev. 2 |
|
NVMFS6H848NL
|
188Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 8.8 m, 59 A
December, 2019?뭃ev. 0 |
|
NVMYS008N08LH
|
282Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 8.8 m, 59 A
February, 2020 - Rev. 0 |