Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTMFSC011N08M7 Datasheet (PDF) - ON Semiconductor

Part # NTMFSC011N08M7
Description  MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
File Size   304.93 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFSC011N08M7 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFSC011N08M7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFSC010N08M7 ONSEMI-NTMFSC010N08M7 Datasheet
322Kb / 7P
MOSFET - Power, Single N-Channel
January, 2021 ??Rev. P0
NTMFSC012N15MC ONSEMI-NTMFSC012N15MC Datasheet
280Kb / 6P
MOSFET - Power, Dualcool N-Channel, PQFN8 150 V, 11.4 m, 80 A
November, 2021-Rev. 0
More results


Similar Description - NTMFSC011N08M7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NTMTS1D2N08H ONSEMI-NTMTS1D2N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A
July, 2020 - Rev. 1
NTMTS1D5N08H ONSEMI-NTMTS1D5N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.5 m, 255 A
July, 2020 ??Rev. 1
NTTFS8D1N08H ONSEMI-NTTFS8D1N08H Datasheet
307Kb / 8P
MOSFET - Power, N-Channel, Shielded Gate 80 V, 8.3 m, 61 A
October, 2019 ??Rev. 1
NVTFS6H854NL ONSEMI-NVTFS6H854NL Datasheet
279Kb / 8P
MOSFET - Power, Single N-Channel 80 V, 13.4 m, 41 A
November, 2020-Rev. 1
NVTFS6H888N ONSEMI-NVTFS6H888N Datasheet
210Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 55 m, 13 A
June, 2020 ??Rev. 1
NVMFS6H800N ONSEMI-NVMFS6H800N Datasheet
189Kb / 7P
MOSFET ??Power, Single N-Channel 80 V, 2.1 m, 203 A
July, 2019 ??Rev. 1
NVMFS6H836NL ONSEMI-NVMFS6H836NL Datasheet
187Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019?뭃ev. 0
NVMFS6H848NL ONSEMI-NVMFS6H848NL Datasheet
188Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 8.8 m, 59 A
December, 2019?뭃ev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com