| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX5180
|
491Kb / 16P |
Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99 |
|
MAX5181
|
285Kb / 16P |
10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99 |
|
MAX5182
|
244Kb / 16P |
Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99 |
|
MAX5186
|
257Kb / 15P |
Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01 |
|
MAX5187
|
226Kb / 16P |
8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99 |
|
MAX5188
|
226Kb / 16P |
Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99 |
 IC MICROSYSTEMS |
ICM7362
|
136Kb / 9P |
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
|
 Austin Semiconductor |
AS5181
|
1Mb / 16P |
10 Bit, 40MHz Current -Output DACs
|
 Maxim Integrated Produc... |
MAX5181
|
221Kb / 16P |
10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10 |
|
MAX5188
|
209Kb / 14P |
Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01 |