Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTMYS021N06CL Datasheet (PDF) - ON Semiconductor

Part # NTMYS021N06CL
Description  Power MOSFET 60 V, 21 m, 27 A, Single N?묬hannel
File Size   324.24 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMYS021N06CL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMYS021N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMYS020N08LH ONSEMI-NTMYS020N08LH Datasheet
280Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020-Rev. 0
NTMYS020N08LHTWG ONSEMI-NTMYS020N08LHTWG Datasheet
280Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020-Rev. 0
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NTMYS025N06CLTWG ONSEMI-NTMYS025N06CLTWG Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NTMYS029N08LH ONSEMI-NTMYS029N08LH Datasheet
279Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 29 m, 22 A
February, 2020-Rev. 0
More results


Similar Description - NTMYS021N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5826NLT1G ONSEMI-NVMFS5826NLT1G Datasheet
116Kb / 6P
Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NVMFS5C612N ONSEMI-NVMFS5C612N Datasheet
151Kb / 6P
Power MOSFET 60 V, 1.65 m, 225 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTMTS001N06CL ONSEMI-NTMTS001N06CL Datasheet
364Kb / 7P
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTD5C668NL ONSEMI-NTD5C668NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 8.9 m, 48 A, Single N?묬hannel
May, 2018 ??Rev. 1
NTD5C684NL ONSEMI-NTD5C684NL Datasheet
179Kb / 7P
Power MOSFET 60 V, 16.5 m, 27 A, Single N?묬hannel
May, 2018 ??Rev. 1
NTD5C688NL ONSEMI-NTD5C688NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 27.4 m, 17 A, Single N?묬hannel
May, 2018 ??Rev. 2
NTMTS001N06C ONSEMI-NTMTS001N06C Datasheet
311Kb / 8P
Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0
NTMYS3D3N06CL ONSEMI-NTMYS3D3N06CL Datasheet
322Kb / 7P
Power MOSFET 60 V, 3.0 m, 133 A, Single N?묬hannel
March, 2019-Rev. 0
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NVMJD027N06CL ONSEMI-NVMJD027N06CL_V01 Datasheet
253Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 27 m, 21 A
September, 2022 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com