| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD250N65S3H
|
353Kb / 11P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 250 m, 13 A
December, 2020 ??Rev. 0 |
|
NTD360N65S3H
|
356Kb / 11P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 360 m, 10 A
March, 2021 ??Rev. 2 |
|
NTMT095N65S3H
|
372Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 95 m, 30 A
March, 2021-Rev. 1 |
|
NTMT190N65S3H
|
417Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 190 m, 16 A
March, 2021-Rev. 2 |
|
NTPF095N65S3H
|
217Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 95 m, 30 A
March, 2021-Rev. 2 |
|
NTPF125N65S3H
|
219Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 125 m, 24 A
January, 2021-Rev. 0 |
|
NTPF165N65S3H
|
218Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 165 m, 19 A
March, 2021-Rev. 2 |
|
NTPF190N65S3H
|
216Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 190 m, 16 A
December, 2020-Rev. 0 |
|
NTPF250N65S3H
|
215Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 250 m, 13 A
December, 2020-Rev. 0 |
|
NTPF360N65S3H
|
217Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 360 m, 10 A
March, 2021-Rev. 1 |