| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTB082N65S3F
|
350Kb / 10P |
MOSFET ??N?륝hannel, SUPERFET III, FRFET 650 V, 40 A, 82 m
August, 2019 ??Rev. 4 |
|
NTBL082N65S3HF
|
405Kb / 11P |
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
February, 2021 ??Rev. 0 |
|
NTH4L040N65S3F
|
973Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
November, 2019-Rev. 1 |
|
NTHL040N65S3F
|
518Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
August, 2019-Rev. 7 |
|
NTHL082N65S3F
|
441Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
July, 2020-Rev. 4 |
|
NTP082N65S3F
|
387Kb / 10P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
August, 2019-Rev. 3 |
|
NVHL040N65S3HF
|
330Kb / 11P |
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
January, 2021-Rev. P1 |
|
NVHL082N65S3F
|
384Kb / 11P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
September, 2020-Rev. 2 |
|
NVH082N65S3F
|
300Kb / 12P |
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
November, 2020-Rev. 0 |
|
NVHL082N65S3HF
|
329Kb / 11P |
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
January, 2021 ??Rev. P1 |