| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTB095N65S3HF
|
344Kb / 10P |
MOSFET ??N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
May, 2019 ??Rev. 0 |
|
NTB110N65S3HF
|
474Kb / 10P |
MOSFET ??N?륝hannel, SUPERFET III, FRFET 650 V, 30 A, 110 m
May, 2019 ??Rev. 0 |
|
NTBL095N65S3H
|
342Kb / 11P |
MOSFET - Power, N-Channel, SUPERFET III, FAST 650 V, 95 m, 30 A
April, 2021 ??Rev. 0 |
|
NTHL095N65S3HF
|
452Kb / 10P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
May, 2019 ??Rev. 0 |
|
NTMT095N65S3H
|
372Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 95 m, 30 A
March, 2021-Rev. 1 |
|
NTP095N65S3HF
|
601Kb / 10P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
June, 2019-Rev. 0 |
|
NTPF125N65S3H
|
219Kb / 10P |
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 125 m, 24 A
January, 2021-Rev. 0 |
|
NVB095N65S3F
|
244Kb / 11P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
November, 2020 ??Rev. 0 |
|
NVHL095N65S3F
|
342Kb / 12P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
October, 2020-Rev. 0 |
|
NVHL095N65S3HF
|
326Kb / 11P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
January, 2021-Rev. P1 |