| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
VW3CANCARR1
|
70Kb / 2P |
CANopen cable - 2 x RJ45 - cable 1 m
Sep 18, 2021 |
|
BMXNOR0200H
|
90Kb / 3P |
Ethernet / Serial RTU module - 2 x RJ45
Aug 10, 2019 |
 Weidmuller |
7760048141
|
65Kb / 3P |
1 * RJ45 10/100BaseT(X), 1 * SC Single mode
November 4, 2021 |
|
7760048143
|
65Kb / 3P |
1 * RJ45 10/100BaseT(X), 1 * SC Single-mode
November 4, 2021 |
 Schneider Electric |
VW3CANCARR03
|
70Kb / 2P |
CANopen cable - 2 x RJ45 - cable 0.3 m
Jan 21, 2022 |
|
VW3A8306TF03
|
102Kb / 2P |
Modbus ?쏷??tap-off - 1 x RJ45 male and 2 x RJ45 female - cable 0.3 m
Apr 20, 2022 |
|
VW3A8306TF10
|
103Kb / 2P |
Modbus ?쏷??tap-off - 1 x RJ45 male and 2 x RJ45 female - cable 1 m
Apr 20, 2022 |
|
TCSCCN4F3M1T
|
85Kb / 2P |
CANopen cable - 1 x RJ45 - cable 1 m
May 2, 2022 |
|
TCSCCN4F3M3T
|
85Kb / 2P |
CANopen cable - 1 x RJ45 - cable 3 m
May 2, 2022 |
|
TSXCANTDM4
|
159Kb / 2P |
IP20 CANopen tap junction box - 1 screw terminal block and 4 SUB-D9
May 2, 2022 |