| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NVHL050N65S3HF
|
282Kb / 10P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 58 A, 50 m
May, 2020 ??Rev. 1 |
|
NTB095N65S3HF
|
344Kb / 10P |
MOSFET ??N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
May, 2019 ??Rev. 0 |
|
NTB110N65S3HF
|
474Kb / 10P |
MOSFET ??N?륝hannel, SUPERFET III, FRFET 650 V, 30 A, 110 m
May, 2019 ??Rev. 0 |
|
NTB190N65S3HF
|
400Kb / 10P |
MOSFET ??N?륝hannel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019 ??Rev. 2 |
|
NTHL033N65S3HF
|
455Kb / 10P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 70 A, 33 m
May, 2019-Rev. 1 |
|
NTHL095N65S3HF
|
452Kb / 10P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
May, 2019 ??Rev. 0 |
|
NTP095N65S3HF
|
601Kb / 10P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
June, 2019-Rev. 0 |
|
NVHL095N65S3F
|
342Kb / 12P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
October, 2020-Rev. 0 |
|
NVHL095N65S3HF
|
326Kb / 11P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 36 A, 95 m
January, 2021-Rev. P1 |
|
NVH050N65S3F
|
286Kb / 9P |
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 50 m, 58 A
October, 2020-Rev. 0 |