| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
FDBL9403-F085T6
|
217Kb / 7P |
MOSFET - Power, Single N-Channel, TOLL 40 V, 0.95 m, 300 A
June, 2020 ??Rev. 0 |
|
NTBLS002N08MC
|
395Kb / 7P |
MOSFET - Power, Single N-Channel, TOLL 80 V, 2 m, 238 A
August, 2019 ??Rev. 0 |
|
NTBLS0D7N06C
|
389Kb / 7P |
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.75 m, 470 A
November, 2021 ??Rev. 3 |
|
NTBLS1D1N08H
|
423Kb / 7P |
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.05 m, 351 A
January, 2021 ??Rev. 1 |
|
NTBLS1D5N08MC
|
461Kb / 7P |
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.53 m, 298 A
September, 2019 ??Rev. 0 |
|
NTBLS1D7N08H
|
364Kb / 8P |
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.7 m, 203 A
January, 2021 ??Rev. 2 |
|
NVBLS1D7N08H
|
359Kb / 8P |
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.7 m, 241.3 A
January, 2021-Rev. 1 |
|
NTBL080N60S5H
|
251Kb / 7P |
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TOLL-4L 600 V, 80 m, 32 A
October, 2022 - Rev. 1 |
|
NTBLS1D5N10MC
|
272Kb / 7P |
MOSFET - Power, Single N-Channel, TOLL 100 V, 1.5 m, 312 A
April, 2022 - Rev. 2 |
|
NVBLS0D8N08X
|
290Kb / 7P |
MOSFET - Power, Single N-Channel, TOLL 80 V, 0.79 m, 457 A
May, 2023 - Rev. 0 |