| Manufacturer | Part # | Datasheet | Description |
 Linear Technology |
LTC1685
|
269Kb / 12P |
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
|
|
LTC1685IS8
|
173Kb / 12P |
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
|
|
LTC1685
|
191Kb / 12P |
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
|
 AMAZING Microelectronic... |
AZRS3072
|
340Kb / 9P |
ESD-Protected, Slew-Rate-Limited, True Fail-Safe 3.3V RS485 Transceiver IC
Revision 2016/05/06 |
|
AZRS3076
|
625Kb / 9P |
ESD-Protected, High Speed, True Fail-Safe 3.3V RS485 Transceiver IC
Revision 2020/12/31 |
|
AZRS3080E
|
453Kb / 9P |
ESD-Protected, High Speed, True Fail-Safe VOD2 Enhanced, RS485 Transceiver IC
Revision 2016/09/05 |
|
AZRS485E
|
465Kb / 9P |
ESD-Protected, High Speed, True Fail-Safe VOD2 Enhanced, RS485 Transceiver IC
Revision 2017/02/15 |
|
AZRS485N
|
444Kb / 10P |
Polarity Free, 5.0V Operation, High Speed, High ESD-Protected RS485 Transceiver IC
Revision 2013/12/02 |
|
AZRS5485N
|
491Kb / 10P |
Polarity Free, ESD-Protected, High Speed, VOD2 Enhanced, RS485 Transceiver IC
Revision 2017/02/15 |
|
AZRS6605
|
574Kb / 8P |
ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25 |