Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMFD5C672NL Datasheet (PDF) - ON Semiconductor

Part # NVMFD5C672NL
Description  MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
File Size   231.22 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5C672NL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFD5C672NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5C674NL ONSEMI-NVMFD5C674NL Datasheet
372Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
NVMFD5C674NLT1G ONSEMI-NVMFD5C674NLT1G Datasheet
372Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
NVMFD5C674NLWFT1G ONSEMI-NVMFD5C674NLWFT1G Datasheet
372Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
More results


Similar Description - NVMFD5C672NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5865NL ONSEMI-NTD5865NL Datasheet
275Kb / 7P
N-Channel Power MOSFET 60 V, 40 A, 16 m廓
June, 2010 -- Rev. 1
logo
Fairchild Semiconductor
FDMC86520DC FAIRCHILD-FDMC86520DC Datasheet
282Kb / 8P
N-Channel Dual CoolTM PowerTrench짰 MOSFET 60 V, 40 A, 6.3 m廓
logo
ON Semiconductor
NTHL040N120SC1 ONSEMI-NTHL040N120SC1 Datasheet
242Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 40 m, 60 A
April, 2020 ??Rev. 1
NVHL040N120SC1 ONSEMI-NVHL040N120SC1 Datasheet
246Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 40 m, 60 A
April, 2020 ??Rev. 1
NTMFD5C672NL ONSEMI-NTMFD5C672NL Datasheet
230Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 11.9 m, 49 A
May, 2019 ??Rev. 0
NTMFD5C680NL ONSEMI-NTMFD5C680NL Datasheet
362Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 28 m, 26 A
May, 2019 ??Rev. P3
NVMFD5C674NL ONSEMI-NVMFD5C674NL Datasheet
372Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
NVMJD012N06CL ONSEMI-NVMJD012N06CL Datasheet
258Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 11.9 m, 42 A
August, 2022 - Rev. 1
NVMJD015N06CL ONSEMI-NVMJD015N06CL_V01 Datasheet
255Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 14.4 m, 35 A
September, 2022 - Rev. 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com