Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMFS5H610NL Datasheet (PDF) - ON Semiconductor

Part # NVMFS5H610NL
Description  Power MOSFET 60 V, 10 m, 48 A, Single N?묬hannel
File Size   170.09 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5H610NL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFS5H610NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5H600NL ONSEMI-NVMFS5H600NL Datasheet
196Kb / 8P
MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
September, 2021-Rev. 3
NVMFS5H600NLT1G ONSEMI-NVMFS5H600NLT1G Datasheet
196Kb / 8P
MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
September, 2021-Rev. 3
NVMFS5H600NLT3G ONSEMI-NVMFS5H600NLT3G Datasheet
196Kb / 8P
MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
September, 2021-Rev. 3
NVMFS5H600NLWFT1G ONSEMI-NVMFS5H600NLWFT1G Datasheet
196Kb / 8P
MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
September, 2021-Rev. 3
NVMFS5H663NL ONSEMI-NVMFS5H663NL Datasheet
185Kb / 8P
MOSFET ??Power, Single N-Channel 60 V, 7.2 m, 67 A
July, 2019 ??Rev. 2
More results


Similar Description - NVMFS5H610NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5865NLT4G ONSEMI-NVD5865NLT4G Datasheet
115Kb / 6P
Power MOSFET 60 V, 46 A, 16 m, Single N?묬hannel
January, 2013 ??Rev. 2
NVMFS5826NLT1G ONSEMI-NVMFS5826NLT1G Datasheet
116Kb / 6P
Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NVMFS5C612N ONSEMI-NVMFS5C612N Datasheet
151Kb / 6P
Power MOSFET 60 V, 1.65 m, 225 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTMTS001N06CL ONSEMI-NTMTS001N06CL Datasheet
364Kb / 7P
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTD5C668NL ONSEMI-NTD5C668NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 8.9 m, 48 A, Single N?묬hannel
May, 2018 ??Rev. 1
NTD5C688NL ONSEMI-NTD5C688NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 27.4 m, 17 A, Single N?묬hannel
May, 2018 ??Rev. 2
NTMJS2D5N06CL ONSEMI-NTMJS2D5N06CL Datasheet
352Kb / 7P
Power MOSFET 60 V, 2.4 m, 164 A, Single N?묬hannel
March, 2019?뭃ev. 0
NTMTS001N06C ONSEMI-NTMTS001N06C Datasheet
311Kb / 8P
Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0
NTMYS3D3N06CL ONSEMI-NTMYS3D3N06CL Datasheet
322Kb / 7P
Power MOSFET 60 V, 3.0 m, 133 A, Single N?묬hannel
March, 2019-Rev. 0
NTTFS008N04C ONSEMI-NTTFS008N04C Datasheet
196Kb / 7P
Power MOSFET 40 V, 7.1 m, 48 A, Single N?묬hannel
January, 2019 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com