Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMTS1D0N04CL Datasheet (PDF) - ON Semiconductor

Part # NVMTS1D0N04CL
Description  MOSFET - Power, Single N-Channel, Logic Level 40 V, 1.0 m, 291 A
File Size   247.07 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMTS1D0N04CL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMTS1D0N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMTS1D1N04C ONSEMI-NVMTS1D1N04C Datasheet
321Kb / 8P
MOSFET - Power, Single N-Channel 40 V, 1.1 m, 277 A
October, 2020 ??Rev. 0
NVMTS1D1N04CTXG ONSEMI-NVMTS1D1N04CTXG Datasheet
321Kb / 8P
MOSFET - Power, Single N-Channel 40 V, 1.1 m, 277 A
October, 2020 ??Rev. 0
NVMTS1D2N08H ONSEMI-NVMTS1D2N08H Datasheet
406Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 337 A
May, 2020 ??Rev. 1
NVMTS1D5N08H ONSEMI-NVMTS1D5N08H Datasheet
406Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.4 m, 273 A
May, 2020 ??Rev. 1
NVMTS1D6N10MC ONSEMI-NVMTS1D6N10MC Datasheet
324Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
More results


Similar Description - NVMTS1D0N04CL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9K6R8-40E PHILIPS-BUK9K6R8-40E_15 Datasheet
347Kb / 13P
Dual N-channel 40 V, 7.2 m logic level MOSFET
5 December 2013
BUK9K8R7-40E PHILIPS-BUK9K8R7-40E_15 Datasheet
344Kb / 13P
Dual N-channel 40 V, 9.4 m logic level MOSFET
10 December 2013
BUK9K25-40E PHILIPS-BUK9K25-40E_15 Datasheet
322Kb / 13P
Dual N-channel 40 V, 29 m logic level MOSFET
10 December 2013
BUK9Y3R0-40E PHILIPS-BUK9Y3R0-40E_15 Datasheet
271Kb / 13P
N-channel 40 V 3.0 m logic level MOSFET in LFPAK56
11 November 2014
logo
Nexperia B.V. All right...
BUK9K6R8-40E NEXPERIA-BUK9K6R8-40E Datasheet
764Kb / 13P
Dual N-channel 40 V, 7.2 m廓 logic level MOSFET
BUK9K25-40E NEXPERIA-BUK9K25-40E Datasheet
749Kb / 13P
Dual N-channel 40 V, 29 m廓 logic level MOSFET
logo
ON Semiconductor
FDWS9509L-F085 ONSEMI-FDWS9509L-F085 Datasheet
972Kb / 8P
P-Channel Logic Level Power Trench짰 MOSFET - 40 V, - 65 A, 8.0 m
September, 2017, Rev. 1.0
NTMFS0D5N04XL ONSEMI-NTMFS0D5N04XL Datasheet
137Kb / 7P
MOSFET - Power, Single N-Channel, Logic Level, SO-8FL 40 V, 0.49 m, 455 A
October, 2022 - Rev. 1
NTMFS0D7N04XL ONSEMI-NTMFS0D7N04XL Datasheet
185Kb / 8P
MOSFET – Power, Single N-Channel, Logic Level, SO8FL 40 V, 0.7 m, 349 A
February, 2023 - Rev. 0
NTMFS0D9N04XL ONSEMI-NTMFS0D9N04XL Datasheet
183Kb / 8P
MOSFET - Power, Single N-Channel, Logic Level, SO8FL 40 V, 0.9 m, 278 A
February, 2023 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com