Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1301530236 Datasheet (PDF) - Molex Electronics Ltd.

Part # 1301530236
Description  20A/120V GFCI MANUAL RST 1FT OUTPUT W/ 15W33 & 20FT FLYINGLEAD INPUT
File Size   617.26 Kbytes
Html View  1 
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1301530236 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 1301530236

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530234 MOLEX-1301530234 Datasheet
246Kb / 1P
120V 20A INLINE GFCI W/ 15W33BLK & 26W47BLK BLACK #12-3 SOOW CORD
2013/06/24
1301530239 MOLEX1-1301530239 Datasheet
34Kb / 1P
Super-Safeway Fixed Mount Industrial GFCI, Permanent Mount, Multi Phase, Manual reset
1301530239 MOLEX-1301530239 Datasheet
871Kb / 2P
GFCI 30A, 120/240VAC PERMANENT FLYING LEADS
2021/08/06
More results


Similar Description - 1301530236

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130153-0144 MOLEX11-130153-0144 Datasheet
41Kb / 1P
Safeway User Attachable GFCI In-Line, Manual Reset, Non-Corded, 20A, 120V
1301530144 MOLEX11-1301530144 Datasheet
42Kb / 1P
Safeway User Attachable GFCI In-Line, Manual Reset, Non-Corded, 20A, 120V
1301530144 MOLEX1-1301530144_17 Datasheet
42Kb / 1P
Safeway User Attachable GFCI In-Line, Manual Reset, Non-Corded, 20A, 120V
1301530122 MOLEX-1301530122 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530123 MOLEX-1301530123 Datasheet
738Kb / 1P
120VAC 20A, IN-LINE GFCI, 14W33/15W33 WATERTITE NEMA 5-20
19:07:54
1301530127 MOLEX-1301530127 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530128 MOLEX-1301530128 Datasheet
738Kb / 1P
120VAC 20A, IN-LINE GFCI, 14W33/15W33 WATERTITE NEMA 5-20
2020/05/19
1301530130 MOLEX-1301530130 Datasheet
738Kb / 1P
120VAC 20A, IN-LINE GFCI, 14W33/15W33 WATERTITE NEMA 5-20
20/05/19
1301530131 MOLEX-1301530131 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
22/04/28
1301530259 MOLEX-1301530259 Datasheet
300Kb / 1P
20A/120V INLINE GFCI W/ NEMA 5-20 50FT
2021/12/06
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com