| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTB25P06
|
56Kb / 6P |
Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
August, 2004 ??Rev. 2 |
 Unisonic Technologies |
UTT25P06
|
150Kb / 3P |
-60 V, -27.5 A P-CHANNEL POWER MOSFET
|
 ON Semiconductor |
NTMYS021N06CL
|
324Kb / 7P |
Power MOSFET 60 V, 21 m, 27 A, Single N?묬hannel
April, 2019-Rev. 0 |
|
NTMYS025N06CL
|
323Kb / 7P |
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0 |
|
NVLJWS022N06CL
|
160Kb / 7P |
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1 |
|
NVMFS5C680NL
|
186Kb / 7P |
MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 ??Rev. 0 |
|
NVMFS040N10MCL
|
118Kb / 5P |
MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1 |
|
NVTYS029N08H
|
339Kb / 7P |
MOSFET ??Power, Single N-Channel 80 V, 32.4 m, 21 A
April, 2021 ??Rev. 0 |
|
NVMJD027N06CL
|
253Kb / 6P |
MOSFET - Power, Dual N-Channel 60 V, 26.5 m, 21 A
August, 2022 - Rev. 0 |
|
NVMJD027N06CL
|
253Kb / 6P |
MOSFET - Power, Dual N-Channel 60 V, 27 m, 21 A
September, 2022 - Rev. 1 |