Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS-6382779HM Datasheet (PDF) - Molex Electronics Ltd.

Part # ATS-6382779HM
Description  Hand Crimp Tool For 6.35mm Slip-On Receptacle Terminals.
File Size   944.13 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

ATS-6382779HM Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - ATS-6382779HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638277100 MOLEX-ATS-638277100 Datasheet
1Mb / 7P
Hand Crimp Tool for SRC Crimp Terminals
08-26-15
ATS-638277500 MOLEX-ATS-638277500 Datasheet
1Mb / 7P
Hand Crimp Tool for 1CKT Led Conn Wire-to-Board Crimp Terminal
03-06-15
ATS-638277600 MOLEX-ATS-638277600 Datasheet
1Mb / 7P
Hand Crimp Tool for 1CKT Led Conn Wire-to-Board Crimp Terminal
03-10-15
ATS-6382777HM MOLEX-ATS-6382777HM Datasheet
601Kb / 7P
Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminal
05-24-17
ATS-638277800 MOLEX-ATS-638277800 Datasheet
1,014Kb / 7P
Hand Crimp Tool for DuraClik??ISL Wire-to-Board Female Crimp Terminal
06-02-16
More results


Similar Description - ATS-6382779HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-5200 MOLEX11-63819-5200 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.28mm Slip-On Receptacle
63823-8300 MOLEX11-63823-8300 Datasheet
38Kb / 1P
Hand Crimp Tool for 6.35mm Tab Slip-on Male Crimp Terminals
63823-8200 MOLEX11-63823-8200 Datasheet
38Kb / 1P
Hand Crimp Tool for Slip-on Female Crimp Terminals
63827-7900 MOLEX-63827-7900 Datasheet
944Kb / 7P
Hand Crimp Tool For 6.35mm Slip-On Receptacle Terminals.
02-03-15
63823-8200 MOLEX-63823-8200 Datasheet
358Kb / 6P
Hand Crimp Tool for Slip-on Female Crimp Terminals
10-19-10
0638195200 MOLEX-0638195200 Datasheet
37Kb / 1P
Hand Crimp Tool for 2.28mm Slip-On Receptacle
11/02/2021
0638197300 MOLEX-0638197300 Datasheet
34Kb / 1P
Hand Crimp Tool for 6.35mm Tab Slip-On Receptacle Terminals
11/02/2021
ATS-6382383HM MOLEX-ATS-6382383HM Datasheet
363Kb / 6P
Hand Crimp Tool for 6.35mm (.250) Tab Slip-on Male Crimp Terminals
10-15-10
ATS-6382720HM MOLEX-ATS-6382720HM Datasheet
1Mb / 7P
Hand Crimp Tool for.187 Slip on QD Receptacle Terminals
07-09-15
0638238300 MOLEX-0638238300 Datasheet
30Kb / 1P
Hand Crimp Tool for 6.35mm Tab Slip-on Male Crimp Terminals
08/25/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com