| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NVTFS5820NL
|
121Kb / 6P |
60 V, 11.5 m, Single N?묬hannel, 8FL Power MOSFET
July, 2011 ??Rev. 1 |
|
NTTFS5826NL
|
113Kb / 6P |
NTTFS5826NL 60 V, 24 m, Single N?묬hannel, 8FL
November, 2011 ??Rev. 2 |
|
NTTFS020N06C
|
210Kb / 7P |
MOSFET - Power, Single N-Channel, 8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0 |
|
NTTFS030N06C
|
212Kb / 7P |
MOSFET - Power, Single N-Channel, 8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 1 |
|
NVMFD024N06C
|
255Kb / 7P |
MOSFET ??Power, Dual N-Channel, SO-8FL 60 V, 22.6 m, 24 A
December, 2019-Rev. 0 |
|
NVMFS016N06C
|
189Kb / 7P |
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0 |
|
NVMFS020N06C
|
187Kb / 7P |
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0 |
|
NVTFS016N06C
|
280Kb / 8P |
MOSFET - Power, Single N-Channel, 8FL 60 V, 16.3 m, 32 A
November, 2020 - Rev. 1 |
|
NVTFS020N06C
|
280Kb / 8P |
MOSFET - Power, Single N-Channel, 8FL 60 V, 20.3 m, 27 A
November, 2020 - Rev. 1 |
|
NVTFS030N06C
|
281Kb / 8P |
MOSFET - Power, Single N-Channel, 8FL 60 V, 29.7 m, 19 A
|