| Manufacturer | Part # | Datasheet | Description |
 Fairchild Semiconductor |
FDD86252
|
178Kb / 6P |
N-Channel PowerTrench짰 MOSFET 150 V, 27 A, 52 m
|
 ON Semiconductor |
NTMFD5C466NL
|
231Kb / 7P |
MOSFET ??Power, Dual, N-Channel 40 V, 7.4 m, 52 A
May, 2019 ??Rev. P4 |
|
NTMFS002N10MCL
|
129Kb / 7P |
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A
October, 2021 ??Rev. 1 |
|
NTMTS002N10MC
|
320Kb / 8P |
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0 |
|
NTMYS7D3N04CL
|
322Kb / 7P |
Power MOSFET 40 V, 7.3 m, 52 A, Single N?묬hannel
March, 2019-Rev. 0 |
|
NVMFD5C466NL
|
232Kb / 7P |
MOSFET ??Power, Dual N-Channel 40 V, 7.4 m, 52 A
July, 2019 ??Rev. 4 |
|
NVMFS5C466NL
|
186Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 ??Rev.0 |
|
NVMYS7D3N04CL
|
340Kb / 7P |
MOSFET – Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 - Rev. 0 |
|
NVMYS012N10MCL
|
243Kb / 6P |
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 52 A
June, 2022 - Rev. 0 |
|
NVMYS016N10MCL
|
228Kb / 6P |
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1 |