Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMFWS003N10MC Datasheet (PDF) - ON Semiconductor

Part # NVMFWS003N10MC
Description  MOSFET - Power, Single N-Channel 100 V, 3.1 m, 169 A
File Size   138.77 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFWS003N10MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFWS003N10MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFWS003P03P8ZT1G ONSEMI-NVMFWS003P03P8ZT1G Datasheet
172Kb / 8P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
November, 2021-Rev. 1
More results


Similar Description - NVMFWS003N10MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTBGS2D5N06C ONSEMI-NTBGS2D5N06C Datasheet
231Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 60 V, 2.5 m, 169 A
November, 2020 ??Rev. 1
NTMFS002N10MCL ONSEMI-NTMFS002N10MCL Datasheet
129Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A
October, 2021 ??Rev. 1
NTMTS002N10MC ONSEMI-NTMTS002N10MC Datasheet
320Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0
NTMTSC002N10MC ONSEMI-NTMTSC002N10MC Datasheet
273Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.0 m, 236 A
September, 2021-Rev. 1
NTMTSC1D6N10MC ONSEMI-NTMTSC1D6N10MC Datasheet
262Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 267 A
September, 2021-Rev. 1
NTMYS4D1N06CL ONSEMI-NTMYS4D1N06CL Datasheet
333Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.0 m, 100 A
November, 2019-Rev. 1
NTTFS012N10MD ONSEMI-NTTFS012N10MD Datasheet
267Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14.4 m, 45 A
June, 2021 ??Rev. 1
NVMTS1D6N10MC ONSEMI-NVMTS1D6N10MC Datasheet
324Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
STTFS015N10MCL ONSEMI-STTFS015N10MCL Datasheet
325Kb / 9P
MOSFET - Power, Single N-Channel 100 V, 12.9 m, 42 A
August, 2020 - Rev. 0
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com