Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

52225-08 Datasheet (PDF) - CnC Tech, LLC

Part # 52225-08
Description  Wire-To Board Housing,2.5mm,M Series
File Size   56.92 Kbytes
Html View  1 
Manufacturer  CNC [CnC Tech, LLC]
Direct Link  https://www.cnctech.us/
Logo CNC - CnC Tech, LLC

52225-08 Datasheet (PDF) - CnC Tech, LLC



Similar Part No. - 52225-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5222 ETC2-5222 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Belden Inc.
5222 BELDEN-5222 Datasheet
563Kb / 4P
PROFIBUS Data Double-Ended Cordset
02-03-2025
logo
Keystone Electronics Co...
5222 KEYSTONE-5222 Datasheet
452Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Connor-Winfield Corpora...
5222-44.736M CONNOR-WINFIELD-5222-44.736M Datasheet
96Kb / 2P
2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
logo
Broadcom Corporation.
5222-DS00-R BOARDCOM-5222-DS00-R Datasheet
1Mb / 76P
Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
More results


Similar Description - 52225-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
CnC Tech, LLC
51225-XX CNC-51225-XX Datasheet
55Kb / 1P
Wire-To Board Housing,2.5mm,J Series
17-nov-2020
51325 CNC-51325 Datasheet
187Kb / 1P
Wire-To Board Housing Terminal, 2.5mm J Series
17-nov-2020
52025-XX-0100-01 CNC-52025-XX-0100-01 Datasheet
67Kb / 1P
Wire-To Board Wafer, 2.5mm,Straight, Tin Plated,M Series
17-nov-2020
52125-XX-0200-01 CNC-52125-XX-0200-01 Datasheet
68Kb / 1P
Wire-To Board Header ,2.5mm,R/A,Tin Plated,M Series
17-nov-2020
52325 CNC-52325 Datasheet
109Kb / 1P
Wire-To Board Housing Terminal,2.5mm, M Series
17-nov-2020
53025-XX CNC-53025-XX Datasheet
62Kb / 1P
WIRE-TO BOARD HOUSING, 2.5mm, SIDE LOCK
17-nov-2020
53325 CNC-53325 Datasheet
65Kb / 1P
WIRE-TO BOARD HOUSING TERMINAL, 2.5mm, SIDE LOCK
17-nov-2020
54025-2022 CNC-54025-2022 Datasheet
98Kb / 1P
Wire To Board Housing Terminal, 2.5mm, 20-22AWG, Front Lock
17-nov-2020
54025-2426 CNC-54025-2426 Datasheet
96Kb / 1P
Wire To Board Housing Terminal, 2.5mm, 24-26AWG, Front Lock
17-nov-2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com