Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDB2532-F085 Datasheet (PDF) - ON Semiconductor

Part # FDB2532-F085
Description  MOSFET – N-Channel, POWERTRENCH 150 V, 79 A, 16 m
File Size   1154.01 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDB2532-F085 Datasheet (PDF) - ON Semiconductor



Similar Part No. - FDB2532-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB2532 FAIRCHILD-FDB2532 Datasheet
275Kb / 11P
N-Channel PowerTrench MOSFET 150V, 79A, 16m?
logo
Inchange Semiconductor ...
FDB2532 ISC-FDB2532 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDB2532 ONSEMI-FDB2532 Datasheet
1Mb / 15P
N-Channel PowerTrench® MOSFET 150 V, 79 A, 16 mΩ
October 2013 Rev. C2
logo
Fairchild Semiconductor
FDB2532 FAIRCHILD-FDB2532_10 Datasheet
210Kb / 11P
N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
FDB2532_F085 FAIRCHILD-FDB2532_F085 Datasheet
216Kb / 11P
N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
More results


Similar Description - FDB2532-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86261P FAIRCHILD-FDMC86261P Datasheet
230Kb / 8P
P-Channel PowerTrench MOSFET -150 V, -9 A, 160 m
logo
ON Semiconductor
NTDS015N15MC ONSEMI-NTDS015N15MC Datasheet
148Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 15 m, 50 A
May, 2020 ??Rev. 2
NTMFS015N15MC ONSEMI-NTMFS015N15MC Datasheet
231Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 14 m, 61 A
May, 2020 ??Rev. 1
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NTP5D0N15MC ONSEMI-NTP5D0N15MC Datasheet
151Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1
NTP7D3N15MC ONSEMI-NTP7D3N15MC Datasheet
147Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0
NTP011N15MC ONSEMI-NTP011N15MC Datasheet
145Kb / 6P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 10.9 m, 74.3 A
May, 2020 ??Rev. 1
HUF75852G3 ONSEMI-HUF75852G3 Datasheet
544Kb / 12P
MOSFET ??Power, N-Channel, Ultrafet 150 V, 75 A, 16 m
March, 2020 ??Rev. 3
NTMFS7D5N15MC ONSEMI-NTMFS7D5N15MC Datasheet
281Kb / 9P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.9 m, 95.6 A
January, 2021-Rev. 1
FCH47N60-F085 ONSEMI-FCH47N60-F085 Datasheet
668Kb / 8P
MOSFET ??N-Channel 600 V, 47 A, 79 m
December, 2020 ??Rev. 4
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com