| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTBLS1D7N08H
|
364Kb / 8P |
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.7 m, 203 A
January, 2021 ??Rev. 2 |
|
NVBLS1D1N08H
|
424Kb / 7P |
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.05 m, 351 A
March, 2020-Rev. 2 |
|
NTBL048N60S5H
|
371Kb / 7P |
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TOLL-4L 600 V, 48 m, 50 A
July, 2022 - Rev. 1 |
|
NTBL061N60S5H
|
251Kb / 7P |
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TOLL-4L 600 V, 61 m, 41 A
August, 2022 - Rev. 0 |
|
NTBL100N60S5H
|
249Kb / 7P |
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TOLL-4L 600 V, 100 m, 27 A
August, 2022 - Rev. 0 |
|
NTH4LN061N60S5H
|
270Kb / 7P |
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TO247-4L 600 V, 61 m, 41 A
October, 2022 - Rev. 1 |
|
NTMT061N60S5H
|
283Kb / 7P |
MOSFET - Power, Single N-Channel, SUPERFET V, FAST, QFN88-4L 600 V, 61 m, 41 A
October, 2022 - Rev. 1 |
|
NTBL150N60S5H
|
260Kb / 7P |
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TOLL-4L 600 V, 150 m, 19 A
October, 2022 - Rev. 0 |
|
NTBL125N60S5H
|
249Kb / 7P |
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TOLL-4L 600 V, 125 m, 22 A
October, 2022 - Rev. 0 |
|
NVBLS0D8N08X
|
290Kb / 7P |
MOSFET - Power, Single N-Channel, TOLL 80 V, 0.79 m, 457 A
May, 2023 - Rev. 0 |