Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1130H Datasheet (PDF) - Nisshinbo Micro Devices Inc.

Part # R1130H
Description  300 mA LDO Regulator for Automotive Applications
File Size   1599.41 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1130H Datasheet (PDF) - Nisshinbo Micro Devices Inc.



Similar Part No. - R1130H

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1130H151A-TR-FE RICOH-R1130H151A-TR-FE Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
R1130H151B-TR-FE RICOH-R1130H151B-TR-FE Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
R1130H151C-TR-FE RICOH-R1130H151C-TR-FE Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
logo
Nisshinbo Micro Devices...
R1130H151H-T1-FE NISSHINBO-R1130H151H-T1-FE Datasheet
1Mb / 22P
300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130H201A-TR-FE RICOH-R1130H201A-TR-FE Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
More results


Similar Description - R1130H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Texas Instruments
LP3991 TI1-LP3991 Datasheet
1Mb / 26P
300-mA LDO for Digital Applications
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
Rohm
BUXXJA3DG-C ROHM-BUXXJA3DG-C Datasheet
7Mb / 96P
For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
logo
Nisshinbo Micro Devices...
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
Low Noise 150 mA LDO Regulator for Automotive Applications
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
300 mA LDO REGULATOR
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com