| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
CAT6202
|
149Kb / 10P |
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0 |
|
CAT6220
|
464Kb / 12P |
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1 |
|
NCP4687DH18T1G
|
1Mb / 18P |
500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2 |
|
NCP5501DT33RKG
|
213Kb / 13P |
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12 |
|
CAT6202VP2-GT3
|
149Kb / 10P |
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0 |
|
CAT6202
|
155Kb / 10P |
500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1 |
|
NCP4687
|
1Mb / 18P |
500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3 |
 New Japan Radio |
NJW4105
|
462Kb / 23P |
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1 |
|
NJW4105T1
|
664Kb / 23P |
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0 |
|
NJW4106
|
715Kb / 15P |
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0 |