| Manufacturer | Part # | Datasheet | Description |
 Adam Technologies, Inc. |
MMI-M0RSXXXP-IP68
|
212Kb / 2P |
PUSH-PULL SOCKET, VERTICAL, SIZE 0, METAL BODY, REAR PANEL MOUNT, PCB TERMINALS, IP68
|
|
MMI-M0RSXXXP
|
216Kb / 2P |
PUSH-PULL SOCKET, VERTICAL, SIZE 0, METAL BODY, REAR PANEL MOUNT, PCB TERMINALS, IP50
|
|
MMI-M0RSXXXS
|
142Kb / 1P |
PUSH-PULL SOCKET, VERTICAL, SIZE 0, METAL BODY, REAR PANEL MOUNT, SOLDER TERMINAL, IP50
|
|
MMI-M1RSXXXS
|
156Kb / 1P |
PUSH-PULL SOCKET, VERTICAL, SIZE 1, METAL BODY, REAR PANEL MOUNT, SOLDER TERMINAL, IP50
|
|
MMI-P1SRXXXPRXX
|
257Kb / 2P |
PUSH-PULL SOCKET, VERTICAL, SIZE 1, PLASTIC BODY, REAR PANEL MOUNT, R/A PCB THROUGH HOLE
|
|
MMI-P1SRXXXPXX
|
145Kb / 1P |
PUSH-PULL SOCKET, VERTICAL, SIZE 1, PLASTIC BODY, REAR PANEL MOUNT, PCB THROUGH HOLE, IP50
|
|
MMI-P1SRXXXSXX
|
144Kb / 1P |
PUSH-PULL SOCKET, VERTICAL, SIZE 1. PLASTIC BODY, REAR PANEL MOUNT, SOLDER TERMINAL, IP50
|
|
MMI-M0FSXXXS
|
129Kb / 1P |
PUSH-PULL SOCKET, VERTICAL, SIZE 0, METAL BODY, FRONT PANEL MOUNT, SOLDER TERMINAL, IP50
|
|
MMI-M1RSGXXS-IP67
|
143Kb / 1P |
PUSH-PULL SOCKET, VERTICAL, SIZE 1, METAL BODY, REAR PANEL MOUNT, SOLDER TERMINAL, IP67
|
|
MMI-M1RSXXXP-IP68
|
224Kb / 2P |
PUSH-PULL SOCKET, VERTICAL, SIZE 1, METAL BODY, REAR PANEL MOUNT, PCB TERMINALS, IP68
|