Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3428ADNTR-G1 Datasheet (PDF) - Diodes Incorporated

Part # AP3428ADNTR-G1
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
File Size   1095.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428ADNTR-G1 Datasheet (PDF) - Diodes Incorporated



Similar Part No. - AP3428ADNTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3428A DIODES-AP3428A Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
AP3428AKTTR-G1 DIODES-AP3428AKTTR-G1 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
logo
TECH PUBLIC Electronics...
AP3428AKTTR-TP TECHPUBLIC-AP3428AKTTR-TP Datasheet
4Mb / 7P
High Efficiency 1.5MHz, 1.5A Synchronous Step Down Regulator
More results


Similar Description - AP3428ADNTR-G1

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Rev 2
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 1
logo
AiT Semiconductor Inc.
A7131 AITSEMI-A7131 Datasheet
672Kb / 12P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER
REV2.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com