Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0639028400 Datasheet (PDF) - Molex Electronics Ltd.

Part # 0639028400
Description  FineAdjust Applicator for MX150 Male Shorting Bar Terminal
File Size   33.18 Kbytes
Html View  1 
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0639028400 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 0639028400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639028100 MOLEX-0639028100 Datasheet
33Kb / 1P
FineAdjust Applicator for Serial ATA Power Cable Receptacle Terminals
08/26/2022
0639028200 MOLEX-0639028200 Datasheet
32Kb / 1P
FineAdjust Applicator for 2.50mm (.098) Pitch SPOX Female Crimp Terminal
08/26/2022
0639028300 MOLEX-0639028300 Datasheet
32Kb / 1P
FineAdjust Applicator for 2.50mm (.098) Pitch SPOX Female Crimp Terminal
08/25/2022
0639028500 MOLEX-0639028500 Datasheet
32Kb / 1P
FineAdjust for Right-Angle Board-in Terminal
08/26/2022
0639028700 MOLEX-0639028700 Datasheet
33Kb / 1P
FineAdjust Applicator for Pico-Lock Terminals, 24-28 AWG UL1061 Wire with Insulation Diameter 0.80-1.15mm
08/26/2022
More results


Similar Description - 0639028400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-0800 MOLEX11-63900-0800 Datasheet
50Kb / 1P
FineAdjust Applicator for MX150 Receptacle, 18 AWG Wire
63900-0900 MOLEX11-63900-0900 Datasheet
50Kb / 1P
FineAdjust Applicator for MX150 Receptacle, 20 AWG Wire
63901-4600 MOLEX11-63901-4600 Datasheet
50Kb / 1P
FineAdjust Applicator for Crimp Terminal, Male, 22 AWG Wire
63902-8400 MOLEX11-63902-8400 Datasheet
49Kb / 1P
Fine Adjust Applicator for MX150 Male Shorting Bar Terminal
0639020600 MOLEX11-0639020600 Datasheet
32Kb / 1P
FineAdjust Applicator for Crimp Terminal
63902-8400 MOLEX-63902-8400 Datasheet
317Kb / 6P
Fine Adjust Applicator for ?쏮X150??Male Shorting Bar Terminal
01-02-13
ATS-639028400 MOLEX-ATS-639028400 Datasheet
317Kb / 6P
Fine Adjust Applicator for “MX150™ Male Shorting Bar Terminal
01-02-13
0639000600 MOLEX-0639000600 Datasheet
40Kb / 2P
FineAdjust Applicator for MX150 Male Terminals, 22 AWG and 0.50mm² wire
08/26/2022
0639014600 MOLEX-0639014600 Datasheet
34Kb / 2P
FineAdjust Applicator for Crimp Terminal, Male, 22 AWG Wire
08/26/2022
0639030800 MOLEX-0639030800 Datasheet
32Kb / 1P
FineAdjust Applicator for MX150 Receptacle Terminals
08/26/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com