Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC499LC4 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC499LC4
Description  SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
File Size   348.64 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC499LC4 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC499LC4 HITTITE-HMC499LC4 Datasheet
244Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499LC4 HITTITE-HMC499LC4 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
314Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER
HMC499LC4 AD-HMC499LC4 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC499 HITTITE-HMC499 Datasheet
217Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
17-21 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B Datasheet
295Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC499 HITTITE-HMC499_09 Datasheet
263Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499LC4 HITTITE-HMC499LC4_09 Datasheet
244Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
17-21 GHz Medium Power Amplifier
logo
Analog Devices
HMC499LC4 AD-HMC499LC4_18 Datasheet
314Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER
ADH499S AD-ADH499S Datasheet
209Kb / 7P
21 - 32 GHz Medium Power Amplifier
Rev. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com