Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC-C025 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC-C025
Description  0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR MODULE, DC - 13 GHz
File Size   728.87 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C025 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC-C025

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C020 HITTITE-HMC-C020 Datasheet
266Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz
HMC-C021 HITTITE-HMC-C021 Datasheet
279Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 21 - 31 GHz
HMC-C022 HITTITE-HMC-C022 Datasheet
437Kb / 6P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
More results


Similar Description - HMC-C025

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC424 HITTITE-HMC424 Datasheet
213Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424G16 HITTITE-HMC424G16 Datasheet
225Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424LP3 HITTITE-HMC424LP3 Datasheet
254Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LH5 HITTITE-HMC424LH5 Datasheet
373Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC-C018 HITTITE-HMC-C018 Datasheet
805Kb / 8P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR MODULE, DC - 13 GHz
HMC424 HITTITE-HMC424_09 Datasheet
241Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LH5 HITTITE-HMC424LH5_09 Datasheet
213Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3_09 Datasheet
227Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
logo
Analog Devices
HMC424AG16 AD-HMC424AG16 Datasheet
439Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424ALH5 AD-HMC424ALH5 Datasheet
633Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com