| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PBSS5480X
|
114Kb / 13P |
80 V, 4 A PNP low VCEsat (BISS) transistor
2004 Nov 08 |
|
PBSS305PZ
|
124Kb / 14P |
80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 01-20 September 2006 |
|
PBSS304PD
|
137Kb / 15P |
80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-24 March 2009 |
|
PBSS305PX
|
218Kb / 15P |
80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009 |
|
PBSS5480X
|
206Kb / 13P |
PNP low VCEsat (BISS) transistor 80 V, 4 A
2004 Nov 08 |
|
PBSS5580PA
|
174Kb / 15P |
80 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 01-6 May 2010 |
 Nexperia B.V. All right... |
PBSS5580PA
|
289Kb / 16P |
80 V, 4 A PNP low VCEsat (BISS) transistor
|
|
PBSS304PD
|
251Kb / 16P |
80 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 24 March 2009 |
|
PBSS305PX
|
331Kb / 16P |
80 V, 4.0 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009 |
|
PBSS305PZ
|
307Kb / 15P |
80 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009 |