| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
FUSB302
|
1Mb / 35P |
Programmable USB Type-C Controller w/PD
July 2017 Rev. 2 |
|
FUSB302T
|
1Mb / 36P |
Programmable USB Type-C Controller w/PD
October 2018 Rev. 2 |
 Coolgear Inc. |
CG-PD60PPS
|
1Mb / 2P |
Chargeit! Mini 75W Dual Port USB-A & USB-C PD Charger w/ PPS & QC4.0 Support
Rev 05.220908 |
|
CG-PD100C
|
460Kb / 2P |
ChargeIT! Mini 100W USB Type C PD Charger
Rev 05.230310 |
|
CG-PD110C2
|
485Kb / 2P |
ChargeIt! Mini 110W Dual Type-C PD Charger 65W USB-C Port & 45W USB-C Port
Rev 05.230320 |
|
CG-PD200DS-PCBA
|
231Kb / 2P |
ChargeIt! Mini 200W Dual Type-C PD Charger PCBA 100W Output
Rev 05.230315 |
|
CG-PD200MAX
|
1Mb / 2P |
ChargeIt! Mini 200W Dual Type-C PD Charger 100W output each port 24V Input
Rev 05.230320 |
|
CG-PD82HVV
|
101Kb / 2P |
ChargeIT Mini 82W USB Type-C PD Charger High w/ 24~48V DC Input
Rev 05.230320 |
|
CG-PDC65W-PCBA
|
96Kb / 2P |
ChargeIT! 65 Watt USB Type C Charging Board w/ PPS Charging Support
Rev 05.220909 |
|
CG-PDHV82W-PCBA
|
180Kb / 2P |
ChargeIT! Mini 82W USB Type-C PD Charger PCBA w/ 24~48V DC Input
Rev 05.230320 |